PART |
Description |
Maker |
W24011AI-15 W24011AI-20 W24011AJ-12 W24011AJ-20 W2 |
x8 SRAM x8SRAM
|
|
WPS512K8LB-70TFM WPS512K8LC-55TRM WPS512K8LC-55TFM |
x8 SRAM x8的SRAM x8 SRAM x8SRAM
|
Unisonic Technologies Co., Ltd. Assmann Electronics, Inc. NIC Components, Corp.
|
R124464000 R124426123 R124553120 R124553123 |
PANEL MOUNT, FEMALE, SMA CONNECTOR, RECEPTACLE JACK, SMA, PCB, STRAIGHT; Connector type:SMA, Coaxial; Impedance:50R; Material, contact:Brass; Plating, contact:Gold over Nickel; Body style:Straight Jack; Termination method:Solder; Mounting type:PC Board; Insulation RoHS Compliant: Yes PANEL MOUNT, BOARD TERMINATED, FEMALE, SMA CONNECTOR, SOLDER, RECEPTACLE
|
RADIALL S A
|
ZM-PTZ9.1B ZM-PTZ10B ZM-PTZ11B ZM-PTZ12B ZM-PTZ13B |
RF/Coaxial Connector; RF Coax Type:SMA; Contact Termination:Crimp; Body Style:Straight Plug; RG Cable Type:55B, 142B, 223, 400 RoHS Compliant: Yes 硅平面稳压二极管外延 RECEPTACLE RoHS Compliant: Yes 硅平面稳压二极管外延 PLUG RoHS Compliant: Yes 硅平面稳压二极管外延 RF/Coaxial Connector; RF Coax Type:SMA; Body Style:Straight Bulkhead Jack RoHS Compliant: Yes 硅平面稳压二极管外延 SILICON EPITAXIAL PLANAR ZENER DIODES 硅平面稳压二极管外延 SMA, Connector RoHS Compliant: Yes 硅平面稳压二极管外延 RF/Coaxial Connector Adapter; RF Coax Type:SMA; Impedance:50ohm; Body Style:Right Angle Adapter, Plug-Jack; Body Plating:Passivated Steel RoHS Compliant: Yes 硅平面稳压二极管外延 RF/Coaxial Connector; RF Coax Type:SMA; Contact Termination:Crimp; Body Style:Straight Plug; RG Cable Type:58, 58A, 58C, 141, 303, LMR195, Belden 7806A RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:SMA; Contact Termination:Solder; Body Style:Straight Plug; RG Cable Type:174, 188A, 316, Belden 7805A RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:SMA; Contact Termination:Crimp; Body Style:Right Angle Plug; RG Cable Type:55, 142, 223, 400 RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:SMA; Contact Termination:Solder; Body Style:Right Angle Plug; RG Cable Type:174, 188A, 316, Belden 7805A RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:SMA; Contact Termination:Crimp; Body Style:Straight Plug; RG Cable Type:174, 178, 187, 188, 316 RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:SMA; Contact Termination:Crimp; Body Style:Straight Plug; RG Cable Type:188, 316 RoHS Compliant: Yes RF/Coaxial Connector; RF Coax Type:SMA; Contact Termination:Crimp; Body Style:Right Angle Plug; RG Cable Type:316DB RoHS Compliant: Yes
|
Semtech, Corp. SEMTECH[Semtech Corporation]
|
IDT6198L IDT6198L15D IDT6198L15DB IDT6198L15L IDT6 |
CMOS STATIC RAM 64K (16K x 4-BIT) with Output Control 16K X 4 STANDARD SRAM, 70 ns, CQCC28 LED PNL MT 9MM 6V BLACK GREEN 64K的的CMOS静态RAM6K的4位带输出)控 CABLE SMA/SMA 24 RG-142 64K的的CMOS静态RAM6K的4位带输出)控 CMOS STATIC RAM 64K (16K x 4-BIT) with Output Control 16K X 4 STANDARD SRAM, 25 ns, CDIP24 Dual Low-Power JFET-Input General-Purpose Operational Amplifier 8-TSSOP 0 to 70 64K的的CMOS静态RAM6K的4位带输出)控
|
Integrated Device Techn... Integrated Device Technology, Inc. IDT[Integrated Device Technology] INTEGRATED DEVICE TECHNOLOGY INC
|
73251-0151 |
SMA PLUG CRIMP TYPE CABLE TERMINATED, MALE, SMA CONNECTOR, CRIMP, PLUG
|
Molex, Inc.
|
R191419000 R191303000 |
ADAPTOR, N JACK/BNC PLUGADAPTOR, N JACK/BNC PLUG; Connector type A:N Jack; Connector type B:BNC Plug; Impedance:50R MALE-FEMALE, RF STRAIGHT ADAPTER ADAPTOR, SMA PLUG/BNC JACKADAPTOR, SMA PLUG/BNC JACK; Connector type A:SMA Plug; Connector type B:BNC Jack; Impedance:50R FEMALE-MALE, RF STRAIGHT ADAPTER, PLUG-JACK
|
Molex, Inc. Radiall S.A.
|
P18XX-X |
8 WAY POWER EDIVIDER SMA TYPE - OUTLINE
|
Advanced Technical Materials Inc.
|
AI-102 |
SMA Straight Connectors, Crimp Type for Braided Cable
|
ITT[ITT Industries]
|
PE7018-6 |
6 dB Fixed Attenuator, SMA Male To SMA Female Rated To 25 Watts Up To 18 GHz
|
Pasternack Enterprises,...
|
PE7018-10 |
10 dB Fixed Attenuator, SMA Male To SMA Female Rated To 25 Watts Up To 18 GHz
|
Pasternack Enterprises,...
|
PE34309-12 |
CABLE ASSEMBLY, PE-020SR, SMA MALE RIGHT ANGLE TO SMA FEMALE BULKHEAD
|
Pasternack Enterprises,...
|
|